Part Number Hot Search : 
74CBT BR258W HBC1855A 93C46 DC256 AN7906T 00ZPZ KMM53
Product Description
Full Text Search
 

To Download SRAF1090 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SRAF1020 THRU SRAF1090
Isolation 10.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 20 to 90 Volts Current 10.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
.124(3.16) .118(3.00)
ITO-220AC
.185(4.7) .173(4.4)
.406(10.3) .390(9.90) .13 4(3. 4)D IA . 11 3(3. 0)D IA . 112 (2. 85) . 100 (2.5 5)
.2 72( 6. 9) .2 48( 6. 3)
. 606(1 5.5 ) . 583(1 4.8 )
Mechanical Data
Cases: ITO-220AC molded plastic Epoxy: UL 94V-O rate flame retardant Terminals: Lead solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260OC/10 seconds/ .25",(6.35mm) from case. Weight: 2.24 grams Mounting torque: 5 in - 1bs. max.
.0 63 (1 .6 ) MA X
.161(4.1) .146(3.7)
.110( 2.8) .0 98(2 .5)
. 071 (1. 8) MA X
. 543( 13. 8) . 512( 13. 2)
2
PIN 1 PIN 2 CASE
. 10 0( 2 . 55)
. 100 (2.5 5)
Case Positive
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol SRAF SRAF SRAF SRAF SRAF SRAF Units Type Number 1020 1030 1040 1050 1060 1090 Maximum Recurrent Peak Reverse Voltage VRRM 20 30 40 50 60 90 V Maximum RMS Voltage VRMS 14 21 28 35 42 63 V Maximum DC Blocking Voltage VDC 20 30 40 50 60 90 V
Maximum Average Forward Rectified Current @Tc=110 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage 10.0A Maximum D.C. Reverse Current @ Tc=25 at Rated DC Blocking Voltage @ Tc=100 Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Junction Temperature Range Storage Temperature Range
I(AV) IFSM VF IR RJC Cj TJ
10.0 250 0.55 1.0 50 4.0 420 280 165 -65 to +125 -65 to +150 -65 to +150 0.70 0.75
A A V mA mA /W pF
TSTG Notes: 1. Thermal Resistance from Junction to Case Per Leg 2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C. 3. Mounted on Heatsink Size of 2 in x 3 in x 0.25 in Al-Plate.
- 138 -
RATINGS AND CHARACTERISTIC CURVES (SRAF1020 THRU SRAF1090)
FIG.1- FORWARD CURRENT DERATING CURVE
10 300
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
250 200 150 100 8.3ms SINGLE HALF SINE WAVE PER LEG. (JEDEC METHOD) Tj=Tj max.
AVERAGE FORWARD CURRENT. (A)
8
AF1 SR
SR
6
AF1 020 -10
050 9 -10
4
0
40
2
50 0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz
0 0 50
o
100
150
CASE TEMPERATURE. ( C)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
10
FIG.4- TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS REVERSE CURRENT. (mA)
1.0
INSTANTANEOUS FORWARD CURRENT. (A)
Tj=100 0C
20
10
AF
50
-1
06
10
SR
-1
04
0
0
10
1.0
.01
Tj=25 C
0
SR
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0
.10
.001 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.1 .2 .3 .4 .5 .6 .7 .8 .9 INSTANTANEOUS FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE
4000
SR
Tj=75 0C
AF
AF
10
90
JUNCTION CAPACITANCE.(pF)
Tj=25 0C f=1.0MHz Vsig=50mVp-p
1000
SRAF
SRA
1050-6
F102
0
SRA F10
0-40
500
90
100 0.1 1.0 10 REVERSE VOLTAGE. (V) 100
- 139 -


▲Up To Search▲   

 
Price & Availability of SRAF1090

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X